| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54F169DM bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54F169DM bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 8 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 169 S C X Temperature Range Family Special Variations 74F e Commercial X e Devices shipped in 13 reels 54F e Military QB e Military grade device with environmental and burn-in Device Type processing shipped in tubes Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP M e Military (b55 Cto a125 C) S e Small Outline Package SOIC JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 16-Lead Ceramic Dual-In-Line Package (D) NS Package Number J16A 6 |