| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STRFNFCA bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STRFNFCA bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 74 page ![]() STRFNFCA Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 Doc ID 023077 Rev 10 63/74 >>> 09043A005804 <<< 0000 REM, Recommended modulation and gain is 0xD1 or 0xD3 for NFC Forum Tag Type 1 (Topaz). >>> 0904680101D1 <<< 0000 REM, last Byte x7 or x8 in SENDRECV command number of bits in the 14443 _Type A frame REM, REQA reply ATQA 000C >>> 04 02 26 07 <<< 80 05 000C 280000 REM, RID reply HR0 HR1 UID0 UID 1 UID2 UID3 >>> 04 08 78000000000000 A8 <<< 80 0B 11 48 6E567A00 3E45 080000 REM, RAll 0408 0000 UID0 UID 1 UID2 UID3 Reply HR0 HR1 UID0 UID 1 UID2 UID3 datas >>> 04 08 000000 6E567A00 A8 <<< 80 40 11 48 6E567A00 0002250000100E000313D1010F5402656E557365204352393552462021000000000 0000000000000000000000000000000000000000000CCCCCC REM, Read ad08 00 UID0 UID 1 UID2 UID3 >>> 04 08 01 0800 6E567A00 A8 <<< 80 07 08 00 87C1 080000 REM, Write_E ad08 data 12 UID0 UID 1 UID2 UID3 >>> 04 08 53 0812 6E567A00 A8 <<< 80 07 08 12 14F2 080000 REM, Read ad08 00 UID0 UID 1 UID2 UID3 >>> 04 08 01 0800 6E567A00 A8 <<< 80 07 08 12 14F2 080000 REM, Write_NE ad08 data A5 UID0 UID 1 UID2 UID3 >>> 04 08 1A 08A5 6E567A00 A8 <<< 80 07 08 B7 B300 080000 REM, Read ad08 00 UID0 UID 1 UID2 UID3 >>> 04 08 01 0800 6E567A00 A8 <<< 80 07 08 B7 B300 080000 REM, Write_E ad08 data 00 UID0 UID 1 UID2 UID3 >>> 04 08 53 0800 6E567A00 A8 |