| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F745ZG bảng dữ liệu(PDF) 125 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745ZG bảng dữ liệu(HTML) 125 Page - STMicroelectronics |
|
125 / 227 page ![]() DocID027590 Rev 4 125/227 STM32F745xx STM32F746xx Electrical characteristics 195 For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 25 pF range (typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or resonator (see Figure 32). CL1 and CL2 are usually the same size. The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin and board capacitance) when sizing CL1 and CL2. Note: For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST microcontrollers” available from the ST website www.st.com. Figure 32. Typical application with an 8 MHz crystal 1. REXT value depends on the crystal characteristics. Low-speed external clock generated from a crystal/ceramic resonator The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 40. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). Table 40. LSE oscillator characteristics (fLSE = 32.768 kHz) (1) Symbol Parameter Conditions Min Typ Max Unit IDD LSE current consumption LSEDRV[1:0]=00 Low drive capability -250 - nA LSEDRV[1:0]=10 Medium low drive capability -300 - LSEDRV[1:0]=01 Medium high drive capability -370 - LSEDRV[1:0]=11 High drive capability -480 - |