| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F745ZG bảng dữ liệu(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745ZG bảng dữ liệu(HTML) 121 Page - STMicroelectronics |
|
121 / 227 page ![]() DocID027590 Rev 4 121/227 STM32F745xx STM32F746xx Electrical characteristics 195 5.3.8 Wakeup time from low-power modes The wakeup times given in Table 36 are measured starting from the wakeup event trigger up to the first instruction executed by the CPU: • For Stop or Sleep modes: the wakeup event is WFE. • WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes. All timings are derived from tests performed under ambient temperature and VDD=3.3 V. Table 36. Low-power mode wakeup timings Symbol Parameter Conditions Typ(1) Max(1) Unit tWUSLEEP(2) Wakeup from Sleep - 13 13 CPU clock cycles tWUSTOP(2) Wakeup from Stop mode with MR/LP regulator in normal mode Main regulator is ON 14 14.9 µs Main regulator is ON and Flash memory in Deep power down mode 104.1 107.6 Low power regulator is ON 21.4 24.2 Low power regulator is ON and Flash memory in Deep power down mode 111.5 116.5 tWUSTOP(2) Wakeup from Stop mode with MR/LP regulator in Under-drive mode Main regulator in under-drive mode (Flash memory in Deep power-down mode) 107.4 113.2 Low power regulator in under-drive mode (Flash memory in Deep power-down mode ) 112.7 120 tWUSTDBY (2) Wakeup from Standby mode Exit Standby mode on rising edge 308 313 Exit Standby mode on falling edge 307 313 1. Guaranteed by characterization results. 2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first |