| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303VD bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 184 page ![]() Functional overview STM32F303xD STM32F303xE 30/184 DocID026415 Rev 4 3.22 Universal asynchronous receiver transmitter (UART) The STM32F303xD/E devices have 2 embedded universal asynchronous receiver transmitters (UART4, and UART5). The UART interfaces support IrDA SIR ENDEC, multiprocessor communication mode and single-wire half-duplex communication mode. The UART4 interface can be served by the DMA controller. Refer to Table 8 for the features available in all U(S)ART interfaces. Table 8. USART features USART modes/features(1) USART1 USART2 USART3 UART4 UART5 Hardware flow control for modem X X X - - Continuous communication using DMA X X X X - Multiprocessor communication X X X X X Synchronous mode X X X - - Smartcard mode X X X - - Single-wire half-duplex communication X X X X X IrDA SIR ENDEC block X X X X X LIN mode XXX XX Dual clock domain and wakeup from Stop mode X X X X X Receiver timeout interrupt XXX XX Modbus communication X X X X X Auto baud rate detection X X X - - Driver Enable X X X - - 1. X = supported. |