| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C515 bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C515 bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 55 page ![]() Semiconductor Group 21 1997-08-01 C515 Ports P0 P1 P2 P3 P4 P5 P6 Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 Port 6, Analog/Digital Input 80H 1) 90H 1) A0H 1) B0H 1 E8H 1) F8H 1) DBH FFH FFH FFH FFH FFH FFH – Serial Channel ADCON 2) PCON 2) SBUF SCON 2) A/D Converter Control Register Power Control Register Serial Channel Buffer Register Serial Channel Control Register D8H 1 87H 99H 98H 1) 00X0 0000B 3) 00H XXH 3) 00H Watchdog IEN0 2) IEN1 2) IP0 2)) Interrupt Enable Register 0 Interrupt Enable Register 1 Interrupt Priority Register 0 A8H 1) B8H 1) A9H 00H 00H X000 0000B 3)) Power Saving Modes PCON 2) Power Control Register 87H 00H 1) Bit-addressable special function registers 2) This special function register is listed repeatedly since some bits of it also belong to other functional blocks. 3) “X“ means that the value is undefined and the location is reserved Table 2 Special Function Registers - Functional Blocks (cont’d) Block Symbol Name Address Contents after Reset |