| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C508 bảng dữ liệu(PDF) 36 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C508 bảng dữ liệu(HTML) 36 Page - Infineon Technologies AG |
|
36 / 93 page ![]() C508 Data Sheet 32 2000-08 Capture/Compare Unit (CCU) The Capture/Compare Unit (CCU) of the C508 has been designed for applications which demand for digital signal generation and/or event capturing (e.g. pulse width modulation, pulse width measuring). It consists of a 16-bit three-channel capture/compare unit (CAPCOM) and a 10-bit one-channel compare unit (COMP). In compare mode, the CAPCOM unit provides two output signals per channel, which can have inverted signal polarity and non-overlapping pulse transitions. The COMP unit can generate a single PWM output signal and is further used to modulate the CAPCOM output signals. For motor control applications, both units (CAPCOM and COMP) may generate versatile multichannel PWM signals. For brushless DC motors, dedicated control modes are supported which are either controlled by software or by hardware (hall sensors). |