| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C164SL bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 79 page ![]() C164CI/SI C164CL/SL Data Sheet 4 V2.0, 2001-05 Pin Configuration (top view) Figure 2 *) The marked pins of Port 4 and Port 8 can have CAN interface lines assigned to them. Table 2 on the pages below lists the possible assignments. The marked input signals are available only in devices with a full-function CAPCOM6. They are not available in devices with a reduced-function CAPCOM6. MCP04870 60 1 V AREF P5.4/AN4/T2EUD 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 59 58 P1L.6/A6/COUT63 57 56 XTAL1 55 XTAL2 54 53 P1L.5/A5/COUT62 52 P1L.4/A4/CC62 51 50 P1L.3/A3/COUT61 P1L.2/A2/CC61 49 P1L.1/A1/COUT60 48 47 P1L.0/A0/CC60 P0H.7/AD15 46 P0H.6/AD14 45 44 43 P0H.3/AD11 42 41 P5.5/AN5/T4EUD V SS P3.4/T3EUD P3.6/T3IN P3.8/MRST P3.9/MTSR P3.10/TxD0 P3.13/SCLK P3.12/BHE/WRH P3.15/CLKOUT/FOUT P4.0/A16/CS3 P0H.4/AD12 P0H.5/AD13 P5.6/AN6/T2IN P5.7/AN7/T4IN V DD P4.1/A17/CS2 P4.2/A18/CS1 V SS V SS V DD V SS P1L.7/A7/CTRAP P1H.0/A8/CC6POS0/EX0IN V SS P3.11/RxD0 C164CI |