| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STBP112-FUDJ6F bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP112-FUDJ6F bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 38 page ![]() Package information STBP112 30/38 Doc ID 023357 Rev 3 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 35. Package outline for TDFN 8-lead (2 x 2 x 0.75 mm) |