| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STBP112-FTDJ6F bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBP112-FTDJ6F bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 38 page ![]() STBP112 Pin description Doc ID 023357 Rev 3 9/38 Figure 3. Block diagram Figure 4. Typical application circuit 1. Optional resistors REN and RFLT prevent damage to the controller under extreme voltage or current conditions and are not required. Low ESR ceramic capacitor C1 is necessary to ensure proper function of the STBP112. Capacitor C2 is not necessary for STBP112 but may be required by the charger IC. 2. The STBP112 MOSFET switch topology allows the current to flow also in a reverse direction, i.e. from OUT to IN, which can be useful for powering external peripherals from the system connector. If the reverse current (supply current) is undesirable, it may be prevented by connecting an external Schottky diode in series with the OUT pin. The voltage drop between IN and the charger is then increased by the voltage drop across the diode. |