công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25TA16K bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện ST25TA16K
Giải thích chi tiết về linh kiện  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 34Page - STMicroelectronics ST25TA16K Datasheet HTML 35Page - STMicroelectronics ST25TA16K Datasheet HTML 36Page - STMicroelectronics ST25TA16K Datasheet HTML 37Page - STMicroelectronics ST25TA16K Datasheet HTML 38Page - STMicroelectronics ST25TA16K Datasheet HTML 39Page - STMicroelectronics ST25TA16K Datasheet HTML 40Page - STMicroelectronics ST25TA16K Datasheet HTML 41Page - STMicroelectronics ST25TA16K Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Functional procedures
ST25TA16K
38/45
DocID027786 Rev 1
7
Functional procedures
This section describes some procedure to access the memory or manage its protection.
7.1
Selection of an NDEF message
The RF host shall use this procedure to detect the NDEF message inside an ST25TA16K.
The NDEF detection procedure is as follows:
1.
Open an RF session
2.
Send the SelectNDEFTagApplication command
3.
Select the CC file
4.
Read the CC file
5.
Select the NDEF file.
7.2
Reading of an NDEF message
The RF host executes the NDEF read procedure to read the NDEF file.
1.
Detect successfully the NDEF file using the NDEF detection procedure
2.
Check that the read access without any security is granted for the NDEF file from the
information provided by the CC file
3.
Select the NDEF file
4.
Read the NDEF file.
7.3
Reading a locked NDEF file
The RF host executes this procedure to read an NDEF file which has been locked
previously.
1.
Select the NDEF Tag Application
2.
Select the NDEF file
3.
Verify the Read password by using the Verify command
4.
Read the data in the NDEF file.
7.4
Locking an NDEF file
The RF host executes this procedure to protect an NDEF file.
1.
Select the NDEF Tag Application
2.
Check the right access provided by the CC file
3.
Select the NDEF file
4.
Transmit the NDEF file Write password by using the Verify command
5.
Lock the NDEF file by sending the Enable verification command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45