| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25TA02K bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TA02K bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 50 page ![]() RF command sets ST25TA02K 26/50 DocID027801 Rev 1 Table 21. Error code of the ST25TA02K SW1 SW2 Comment Length 1 byte 1 byte Value 0x62 0x82 End of file or record reached before reading Le bytes Value 0x63 0x00 Password is required Value 0x63 0xCX Password is incorrect, X further retries allowed (X can take value 0,1, 2) Value 0x65 0x81 Unsuccessful updating Value 0x67 0x00 Wrong frame length Value 0x69 0x81 Cmd is incompatible with the file structure Value 0x69 0x82 Security status not satisfied Value 0x69 0x84 Reference data not usable Value 0x6A 0x80 Incorrect parameters Le or Lc Value 0x6A 0x82 File or application not found Value 0x6A 0x84 File overflow (Lc error) Value 0x6A 0x86 Incorrect P1 or P2 values Value 0x6D 0x00 INS field not supported Value 0x6E 0x00 Class not supported |