công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC574K70E5 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện SPC574K70E5
Giải thích chi tiết về linh kiện  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 12Page - STMicroelectronics SPC574K70E5 Datasheet HTML 13Page - STMicroelectronics SPC574K70E5 Datasheet HTML 14Page - STMicroelectronics SPC574K70E5 Datasheet HTML 15Page - STMicroelectronics SPC574K70E5 Datasheet HTML 16Page - STMicroelectronics SPC574K70E5 Datasheet HTML 17Page - STMicroelectronics SPC574K70E5 Datasheet HTML 18Page - STMicroelectronics SPC574K70E5 Datasheet HTML 19Page - STMicroelectronics SPC574K70E5 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 127 page
background image
Package pinouts and signal descriptions
SPC574Kxx
16/127
DocID023601 Rev 5
2
Package pinouts and signal descriptions
2.1
Package pinouts
The QFP and FusionQuad® package pinouts are shown in Figure 3 and Figure 4.
Figure 3. 144-pin QFP and 172-pin FQ configuration (top view)
PD[14]
PD[15]
PC[9]
PC[8]
PC[7]
PC[6]
PC[5]
PC[4]
PC[3]
NC/VDD_LV_BD5
PC[2]
PC[1]
PC[0]
PE[0]
PE[1]
PE[2]
PD[12]
PD[13]
PE[3]
PE[4]
PI[9]
VDD_LV
VDD_HV_IO_MAIN
VDD_HV_ADR_D
VSS_HV_ADR_D
PG[1]
PG[2]
PG[3]
PG[4]
PB[15]
PB[14]
PB[13]
PB[12]
PB[5]
PG[5]
PG[6]
PE[9]
PE[8]
PD[5]
PD[4]
PE[7]
PE[6]
PE[5]
PG[14]
PG[13]
VDD_LV
ESR0
PORST
PA[4]
PF[15]
TESTMODE
PF[14]
PA[6]
PA[5]
PA[9]
PA[7]
PA[8]
PA[14]
PD[6]
PD[7]
PF[13]
VDD_HV_IO_JTAG
XTAL
EXTAL
VSSOSC
VDD_LV
VDD_HV_IO_MAIN
PF[12]
PF[11]
PF[10]
PF[9]
PF[8]
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
eTQFP144 / FQ1723
Note:
1
Pins marked “NC” have no connection.
2
LVDS Test pins marked with an asterix (*) can be soldered to GND or left unconnected.
3
The eLQFP144 and FQ172 package pinouts are nearly identical, with the following exception:
A1–A28 are additional pins that appear only on the FQ172 package.
4
The shaded area in the middle of the pinout is an exposed pad that on both the eLQFP144 and FQ172 packages is the primary VSS
connection.
5
Pin 10 is NC in the 144-pin package and VDD_LV_BD in the 172-pin package.
VSS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More