| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHFLVDS315 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFLVDS315 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 15 page ![]() DocID028541 Rev 1 3/15 RHFLVDS315 Functional description 15 1 Functional description Figure 1. Logic diagram and logic symbol Note: 1 The G input features an internal pull-up network. The G input features an internal pull-down network. If they are floating the circuit is enabled. 2 L = low level, H = high Level, X = irrelevant, Z = high impedance (off) Table 2. Truth table Input Enables Outputs AG G YZ HH X H L LH X L H HX L H L LXL L H XL H Z Z OPEN H X L H OPEN X L L H |