công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95040-DRMF4TG bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện M95040-DRMF4TG
Giải thích chi tiết về linh kiện  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DRMF4TG bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button M95040-DRMF4TG Datasheet HTML 27Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 28Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 29Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 30Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 31Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 32Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 33Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 34Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID024225 Rev 6
31/41
M95040-A125 M95040-A145
DC and AC parameters
40
Table 14. AC characteristics
Symbol
Alt.
Parameter
Min. Max. Min. Max. Min. Max.
Unit
Test
conditions
specified in
Table 10
Test
conditions
specified in
Table 9 and
Table 10
Test
conditions
specified in
Table 11
fC
fSCK Clock frequency
-
5
-
10
-
20
MHz
tSLCH
tCSS1 S active setup time
60
-
30
-
15
-
ns
tSHCH
tCSS2 S not active setup time
60
-
30
-
15
-
tSHSL
tCS
S deselect time
90
-
40
-
20
-
tCHSH
tCSH S active hold time
60
-
30
-
15
-
tCHSL
S not active hold time
60
-
30
-
15
-
tCH(1)
tCLH Clock high time
80
-
40
-
20
-
tCL(1)
tCLL Clock low time
80
-
40
-
20
-
tCLCH(2)
tRC
Clock rise time
-2-2-2
µs
tCHCL(2)
tFC
Clock fall time
-
2
-
2
-
2
tDVCH
tDSU Data in setup time
20
-
10
-
5
-
ns
tCHDX
tDH
Data in hold time
20
-
10
-
10
-
tHHCH
Clock low hold time after HOLD not active
60
-
30
-
15
-
tHLCH
Clock low hold time after HOLD active
60
-
30
-
15
-
tCLHL
Clock low set-up time before HOLD active
0-0-0
-
tCLHH
Clock low set-up time before HOLD not
active
0-0-0
-
tSHQZ(2)
tDIS
Output disable time
-
80
-
40
-
20
tCLQV(3)
tV
Clock low to output valid
-
80
-
40
-
20
tCLQX
tHO
Output hold time
0
-
0
-
0
-
tQLQH(2)
tRO
Output rise time
-
20
-
20
-
20
tQHQL(2)
tFO
Output fall time
-
20
-
20
-
20
tHHQV
tLZ
HOLD high to output valid
-
80
-
40
-
20
tHLQZ(2)
tHZ
HOLD low to output high-Z
-
80
-
40
-
20
tW
tWC
Write time
-4-4-4
ms
1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
2. Value guaranteed by characterization, not 100% tested in production.
3. tCLQV must be compatible with tCL (clock low time): if tSU is the Read setup time of the SPI bus master, tCL must be equal to
(or greater than) tCLQV+tSU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com