| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95040-DWMF4TG bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-DWMF4TG bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 41 page ![]() DocID024225 Rev 6 15/41 M95040-A125 M95040-A145 Instructions 40 4.1 Write Enable (WREN) The WREN instruction must be decoded by the device before a write instruction (WRITE, WRSR, WRID or LID). As shown in Figure 5, to send this instruction to the device, Chip Select (S) is driven low, the bits of the instruction byte are shifted in (MSB first) on Serial Data Input (D) after what the Chip Select (S) input is driven high and the WEL bit is set (Status Register bit). Figure 5. Write Enable (WREN) sequence 4.2 Write Disable (WRDI) One way of resetting the WEL bit (in the Status Register) is to send a Write Disable instruction to the device. As shown in Figure 6, to send this instruction to the device, Chip Select (S) is driven low, and the bits of the instruction byte are shifted in (MSB first), on Serial Data Input (D), after what the Chip Select (S) input is driven high and the WEL bit is reset (Status Register bit). If a Write cycle is currently in progress, the WRDI instruction is decoded and executed and the WEL bit is reset to 0 with no effect on the ongoing Write cycle. In fact, the Write Enable Latch (WEL) bit becomes reset by any of the following events: • Power-up • WRDI instruction execution • WRSR instruction completion • WRITE instruction completion • Write Protect (W) line being held low. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |