| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95080-DWMF3TG bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DWMF3TG bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 42 page ![]() Operating features M95080-A125 M95080-A145 12/42 DocID024205 Rev 8 3.4.2 Status Register and data protection The Status Register format is shown in Table 2 and the status and control bits of the Status Register are as follows: Note: Bits b6, b5, b4 are always read as 0. WIP bit The WIP bit (Write In Progress) is a read-only flag that indicates the Ready/Busy state of the device. When a Write command (WRITE, WRSR, WRID, LID) has been decoded and a Write cycle (tW) is in progress, the device is busy and the WIP bit is set to 1. When WIP=0, the device is ready to decode a new command. During a Write cycle, reading continuously the WIP bit allows to detect when the device becomes ready (WIP=0) to decode a new command. WEL bit The WEL bit (Write Enable Latch) bit is a flag that indicates the status of the internal Write Enable Latch. When WEL is set to 1, the Write instructions (WRITE, WRSR, WRID, LID) are executed; when WEL is set to 0, any decoded Write instruction is not executed. The WEL bit is set to 1 with the WREN instruction. The WEL bit is reset to 0 after the following events: • Write Disable (WRDI) instruction completion • Write instructions (WRITE, WRSR, WRID, LID) completion including the write cycle time tW • Power-up BP1, BP0 bits The Block Protect bits (BP1, BP0) are non-volatile. BP1,BP0 bits define the size of the memory block to be protected against write instructions, as defined in Table 2. These bits are written with the Write Status Register (WRSR) instruction, provided that the Status Register is not protected (refer to “SRWD bit and W input signal”, on page 13). Table 2. Status Register format b7 b6 b5 b4 b3 b2 b1 b0 SRWD 0 0 0 BP1 BP0 WEL WIP Status Register Write Protect Block Protect bits Write Enable Latch bit Write In Progress bit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |