| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95080-DRDW4TP bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DRDW4TP bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 42 page ![]() Package mechanical data M95080-A125 M95080-A145 36/42 DocID024205 Rev 8 Figure 22. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 16. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |