| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95040-DRDW4TP bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-DRDW4TP bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 41 page ![]() Instructions M95040-A125 M95040-A145 24/41 DocID024225 Rev 6 Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed Write cycle which duration is tW (specified in Table 14). The instruction sequence is shown in Figure 15. The instruction is discarded, and is not executed, under the following conditions: • If a Write cycle is already in progress • If the Block Protect bits (BP1,BP0) = (1,1) • If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied. |