công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24256-DRMF3TP bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện M24256-DRMF3TP
Giải thích chi tiết về linh kiện  Automotive 256-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRMF3TP bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button M24256-DRMF3TP Datasheet HTML 6Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 7Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 8Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 9Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 10Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 11Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 13Page - STMicroelectronics M24256-DRMF3TP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Device operation
M24256-A125
10/40
DocID023506 Rev 4
3
Device operation
The device supports the I2C protocol (see Figure 4).
The I2C bus is controlled by the bus master and the device is always a slave in all
communications.
The device (bus master or a slave) that sends data on to the bus is defined as a transmitter;
the device (bus master or a slave) is defined as a receiver when reading the data.
Figure 4. I2C bus protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40