| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24256-DRDW3TP bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-DRDW3TP bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 40 page ![]() DocID023506 Rev 4 35/40 M24256-A125 Package mechanical data 39 Figure 15. WFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead, package outline 1. Drawing is not to scale. 2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating (not connected) in the end application. |