công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C64-DRMF3TP bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện M24C64-DRMF3TP
Giải thích chi tiết về linh kiện  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF3TP bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button M24C64-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 13Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 14Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 15Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 16Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 17Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 18Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 19Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Instructions
M24C64-A125
16/40
DocID023023 Rev 8
4.1.1
Byte Write
After the device select code and the address bytes, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven high, the
device replies with NoAck, and the location is not modified (see Figure 6). If, instead, the
addressed location is not Write-protected, the device replies with Ack. The bus master
terminates the transfer by generating a Stop condition, as shown in Figure 5.
Figure 5. Write mode sequences with WC = 0 (data write enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40