| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C64-DRDW3TP bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DRDW3TP bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 40 page ![]() Instructions M24C64-A125 20/40 DocID023023 Rev 8 4.2 Read operations Read operations are performed independently of the state of the Write Control (WC) signal. After the successful completion of a Read operation, the device internal address counter is incremented by one, to point to the next byte address. Figure 8. Read mode sequences 4.2.1 Random Address Read The Random Address Read is a sequence composed of a truncated Write sequence (to define a new address pointer value, see Table 3) followed by a current Read. The Random Address Read sequence is therefore the sum of [Start + Device Select code with RW=0 + two address bytes] (without Stop condition, as shown in Figure 8)] and [Start condition + Device Select code with RW=1]. The memory device acknowledges the sequence and then outputs the contents of the addressed byte. To terminate the data transfer, the bus master does not acknowledge the last data byte and then issues a Stop condition. |