công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM303AGRTR bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện LSM303AGRTR
Giải thích chi tiết về linh kiện  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 27Page - STMicroelectronics LSM303AGRTR Datasheet HTML 28Page - STMicroelectronics LSM303AGRTR Datasheet HTML 29Page - STMicroelectronics LSM303AGRTR Datasheet HTML 30Page - STMicroelectronics LSM303AGRTR Datasheet HTML 31Page - STMicroelectronics LSM303AGRTR Datasheet HTML 32Page - STMicroelectronics LSM303AGRTR Datasheet HTML 33Page - STMicroelectronics LSM303AGRTR Datasheet HTML 34Page - STMicroelectronics LSM303AGRTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
DocID027765 Rev 5
31/68
LSM303AGR
Functionality
68
An overrun interrupt can be enabled, I1_OVERRUN = '1' in the CTRL_REG3_A (22h)
register, in order to be raised when the FIFO stops collecting data. When the overrun
interrupt occurs, the first data has been overwritten and the FIFO stops collecting data from
the input channels.
After the last read it is necessary to exit Bypass mode in order to reset the FIFO content.
After this reset command, it is possible to restart FIFO mode just by selecting the FIFO
mode configuration (FM[1:0] bits) in register FIFO_CTRL_REG_A (2Eh).
4.4.3
Stream mode
In Stream mode the FIFO continues filling data from the X, Y, and Z accelerometer channels
until the buffer is full (a set of 32 samples stored) at which point the FIFO buffer index
restarts from the beginning and older data is replaced by the current data. The oldest values
continue to be overwritten until a read operation frees the FIFO slots.
An overrun interrupt can be enabled, I_XL_OVERRUN = '1' in the CTRL_REG3_A (22h)
register, in order to read the entire contents of the FIFO at once. If, in the application, it is
mandatory not to lose data and it is not possible to read at least one sample for each axis
within one ODR period, a watermark interrupt can be enabled in order to read partially the
FIFO and leave memory slots free for incoming data.
Setting the FTH [4:0] bit in the FIFO_CTRL_REG_A (2Eh) register to an N value, the
number of X, Y and Z data samples that should be read at the rise of the watermark interrupt
is up to (N+1).
Figure 8. Stream mode
4.4.4
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from the X, Y and Z accelerometer channels are collected in
a combination of Stream mode and FIFO mode. The FIFO buffer starts operating in Stream
mode and switches to FIFO mode when the selected interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com