công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L5963U-KBX bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện L5963U-KBX
Giải thích chi tiết về linh kiện  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963U-KBX bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button L5963U-KBX Datasheet HTML 33Page - STMicroelectronics L5963U-KBX Datasheet HTML 34Page - STMicroelectronics L5963U-KBX Datasheet HTML 35Page - STMicroelectronics L5963U-KBX Datasheet HTML 36Page - STMicroelectronics L5963U-KBX Datasheet HTML 37Page - STMicroelectronics L5963U-KBX Datasheet HTML 38Page - STMicroelectronics L5963U-KBX Datasheet HTML 39Page - STMicroelectronics L5963U-KBX Datasheet HTML 40Page - STMicroelectronics L5963U-KBX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
DocID028553 Rev 1
37/45
L5963
Package information
44
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
Package variation
This device use package Variations Option B to define exposed pad (see Table 9) or slug-up
(see Table 10) dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45