công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83867CSRGZR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DP83867CSRGZR
Giải thích chi tiết về linh kiện  High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867CSRGZR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DP83867CSRGZR Datasheet HTML 1Page - Texas Instruments DP83867CSRGZR Datasheet HTML 2Page - Texas Instruments DP83867CSRGZR Datasheet HTML 3Page - Texas Instruments DP83867CSRGZR Datasheet HTML 4Page - Texas Instruments DP83867CSRGZR Datasheet HTML 5Page - Texas Instruments DP83867CSRGZR Datasheet HTML 6Page - Texas Instruments DP83867CSRGZR Datasheet HTML 7Page - Texas Instruments DP83867CSRGZR Datasheet HTML 8Page - Texas Instruments DP83867CSRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
DP83867CS, DP83867IS, DP83867E
www.ti.com
SNLS504 – OCTOBER 2015
Table 2. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
RECEIVE DATA Bit 3: This signal carries data from the PHY to the MAC in
RX_D3
36
O, PD
RGMII mode. It is synchronous to the receive clock RX_CLK.
TRANSMIT CONTROL: In RGMII mode, it combines the transmit enable and
TX_CTRL
37
I, PD
the transmit error signals of GMII mode using both clock edges.
RECEIVE CONTROL: In RGMII mode, the receive data available and receive
RX_CTRL
38
S, O, PD
error are combined (RXDV_ER) using both rising and falling edges of the
receive clock (RX_CLK).
GENERAL PURPOSE I/O
General Purpose I/O: This signal provides a multi-function configurable I/O.
GPIO_0
39
S, O, PD
Please refer to the GPIO_MUX_CTRL register for details.
General Purpose I/O: This signal provides a multi-function configurable I/O.
GPIO_1
40
S, O, PD
Please refer to the GPIO_MUX_CTRL register for details.
MANAGEMENT INTERFACE
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO serial
management input/output data. This clock may be asynchronous to the MAC
MDC
16
I, PD
transmit and receive clocks. The maximum clock rate is 25MHz and no
minimum.
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal
that may be sourced by the management station or the PHY. This pin requires
MDIO
17
I/O
pullup resistor. The IEEE specified resistor value is 1.5k
Ω, but a 2.2kΩ is
acceptable.
INTERRUPT / POWER DOWN:
The default function of this pin is POWER DOWN.
POWER DOWN: This is an Active Low Input. Asserting this signal low enables
the Power Down mode of operation. In this mode, the device will power down
and consume minimum power. Register access will be available through the
INT / PWDN
44
I/O, PU
Management Interface to configure and power up the device.
INTERRUPT: This pin may be programmed as an interrupt output instead of a
Powerdown input. In this mode, Interrupts will be asserted low using this pin
making it an active low output. Register access is required for the pin to be
used as an interrupt mechanism. When operating this pin as an interrupt, an
external 2.2k
Ω connected to the VDDIO supply is recommended.
RESET
RESET: The active low RESET initializes or re-initializes the DP83867. All
RESET_N
43
I, PU
internal registers will re-initialize to their default state upon assertion of RESET.
The RESET input must be held low for a minimum of 1µs.
CLOCK INTERFACE
XI
15
I
CRYSTAL/OSCILLATOR INPUT: 25 MHz oscillator or crystal input (50 ppm)
CRYSTAL OUTPUT: Second terminal for 25 MHz crystal. Must be left floating if
XO
14
O
a clock oscillator is used.
CLK_OUT
18
O
CLOCK OUTPUT: Output clock
JTAG INTERFACE
JTAG TEST CLOCK: IEEE 1149.1 Test Clock input, primary clock source for all
JTAG_CLK
20
I, PU
test logic input and output controlled by the testing entity.
JTAG TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin, the most
JTAG_TDO
21
O
recent test results are scanned out of the device via TDO.
JTAG TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin, the TMS pin
sequences the Tap Controller (16-state FSM) to select the desired test
JTAG_TMS
22
I, PU
instruction. It is recommended to apply 3 clock cycles with JTAG_TMS high to
reset the JTAG.
JTAG TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test data is
JTAG_TDI
23
I, PU
scanned into the device via TDI.
LED INTERFACE
LED_2: By default, this pin indicates receive or transmit activity. Additional
LED_2
45
S, I/O, PD
functionality is configurable via LEDCR1[11:8] register bits.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com