công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563SDGST bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563SDGST
Giải thích chi tiết về linh kiện  Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments DAC8563SDGST Datasheet HTML 10Page - Texas Instruments DAC8563SDGST Datasheet HTML 11Page - Texas Instruments DAC8563SDGST Datasheet HTML 12Page - Texas Instruments DAC8563SDGST Datasheet HTML 13Page - Texas Instruments DAC8563SDGST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
www.ti.com
7.7 Typical Characteristics
Table 1. Typical Characteristics: Internal Reference Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
Internal Reference Voltage vs Temperature
Figure 2
Internal Reference Voltage Temperature Drift Histogram
Figure 3
Internal Reference Voltage vs Load Current
5.5 V
Figure 4
Internal Reference Voltage vs Time
Figure 5
Internal Reference Noise Density vs Frequency
Figure 6
Internal Reference Voltage vs Supply Voltage
2.7 V–5.5 V
Figure 7
Table 2. Typical Characteristics: DAC Static Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
FULL-SCALE, GAIN, OFFSET AND ZERO-CODE ERRORS
Full-Scale Error vs Temperature
Figure 16
Gain Error vs Temperature
Figure 17
5.5 V
Offset Error vs Temperature
Figure 18
Zero-Code Error vs Temperature
Figure 19
Full-Scale Error vs Temperature
Figure 63
Gain Error vs Temperature
Figure 64
2.7 V
Offset Error vs Temperature
Figure 65
Zero-Code Error vs Temperature
Figure 66
LOAD REGULATION
5.5 V
Figure 30
DAC Output Voltage vs Load Current
2.7 V
Figure 74
DIFFERENTIAL NONLINEARITY ERROR
T = –40°C
Figure 9
Differential Linearity Error vs Digital Input Code
T = 25°C
Figure 11
5.5 V
T = 125°C
Figure 13
Differential Linearity Error vs Temperature
Figure 15
T = –40°C
Figure 56
Differential Linearity Error vs Digital Input Code
T = 25°C
Figure 58
2.7 V
T = 125°C
Figure 60
Differential Linearity Error vs Temperature
Figure 62
INTEGRAL NONLINEARITY ERROR (RELATIVE ACCURACY)
T = –40°C
Figure 8
Linearity Error vs Digital Input Code
T = 25°C
Figure 10
5.5 V
T = 125°C
Figure 12
Linearity Error vs Temperature
Figure 14
T = –40°C
Figure 55
Linearity Error vs Digital Input Code
T = 25°C
Figure 57
2.7 V
T = 125°C
Figure 59
Linearity Error vs Temperature
Figure 61
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com