| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDC2114RGHT bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
FDC2114RGHT bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 60 page ![]() Active Channel Sensor Signal Sensor Activation Conversion Amplitude Correction Conversion Amplitude Correction Conversion Amplitude Correction Channel 0 Channel 1 Channel 0 Sensor Activation Channel 0 Conversion Channel 1 Sensor Activation Channel 1 Conversion Channel 0 Sensor Activation Channel switch delay Channel switch delay FDC2212, FDC2214, FDC2112, FDC2114 SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015 www.ti.com Table 4. Sample Data Registers (continued) CHANNEL(1) REGISTER(2) FIELD NAME [ BITS(S) ] AND FIELD NAME [ BITS(S) ] AND VALUE VALUE (FDC2112, FDC2114) (FDC2212, FDC2214) (3)(4) DATA_CH3, addr 0x06 DATA3 [11:0]: DATA3 [27:16]: 12 bits of the 16 bit result. 12 MSBs of the 28 bit result 0x000 = under range 3 0xfff = over range DATA_LSB_CH3, addr 0x07 Not applicable DATA3 [15:0]: 16 LSBs of the 28 bit conversion result When the FDC sequences through the channels in multi-channel mode, the dwell time interval for each channel is the sum of three parts: 1. sensor activation time 2. conversion time 3. channel switch delay The sensor activation time is the amount of settling time required for the sensor oscillation to stabilize, as shown in Figure 13. The settling wait time is programmable and should be set to a value that is long enough to allow stable oscillation. The settling wait time for channel x is given by: tSx = (CHX_SETTLECOUNTˣ16)/fREFx (3) Table 5 illustrates the registers and values for configuring the settling time for each channel. Figure 13. Multi-channel Mode Sequencing Figure 14. Single-channel Mode Sequencing 16 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114 |