| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STCH02 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCH02 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 24 page ![]() Application information STCH02 16/24 DocID028766 Rev 1 3.7 Voltage feedforward block The current control structure uses the voltage VC to define the output current, according to Equation 1. Actually, the CC comparator will be affected by an internal propagation delay Td, which will switch off the MOSFET with a peak current than higher the foreseen value. The STCH02 device implements a line feedforward function, which solves the issue by introducing an input voltage dependent offset on the current sense signal, in order to adjust the cycle-by-cycle current limitation. The external schematic configuration is shown in Figure 9. Figure 9. Feedforward compensation: internal schematic The RZCD resistor can be calculated as follows: Equation 2 where RFF is an internal parameter, defined in Table 5 on page 7. In this case the peak drain current does not depend on input voltage anymore. S E N S E D F F P R P R I A U X Z C D R T R L N N R |