công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5972D bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện R5972D
Giải thích chi tiết về linh kiện  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 10Page - STMicroelectronics R5972D Datasheet HTML 11Page - STMicroelectronics R5972D Datasheet HTML 12Page - STMicroelectronics R5972D Datasheet HTML 13Page - STMicroelectronics R5972D Datasheet HTML 14Page - STMicroelectronics R5972D Datasheet HTML 15Page - STMicroelectronics R5972D Datasheet HTML 16Page - STMicroelectronics R5972D Datasheet HTML 17Page - STMicroelectronics R5972D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Closing the loop
R5972D
14/35
DocID026873 Rev 1
Figure 7. Error amplifier equivalent circuit and compensation network
The poles of this transfer function are (if Cc >> C0 + CP):
Equation 3
Equation 4
whereas the zero is defined as:
Equation 5
FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to
the frequency of the double pole of the L-C filter (see Section 7.2: LC filter). FP2 is usually at
a very high frequency.
FP1
1
2
R0
Cc
-------------------------------------
=
FP2
1
2
Rc
C0 Cp
+

--------------------------------------------------------
=
FZ1
1
2
Rc
Cc
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35