| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPS160H bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS160H bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 26 page ![]() IPS160H Protection and diagnostic DocID027563 Rev 2 17/26 6.6 GND disconnection protection GND disconnection is intended as the disconnection event of the application ground, see figure below. When this event happens, the IC continues working normally until the voltage between VCC and GND pins of the IC resu lts ≥ VUVOFF. The voltage on GND pin of the IC rises up to the supply rail voltage level. In case of GND disconnection event, a current (ILGND) flows through OUT pin. Table 8: "Logic inputs" reports IOUT = ILGND for the worst case of GND disconnection event in case of output shorted to ground. Figure 8: GND disconnection OUT GND SUPPLY RAIL GROUND PLANE APPLICATION BOARD IPS160H VCC EXPOSED PAD ON C VCC V CC DRIVING CIRCUITRY LOAD |