công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCSO6 bảng dữ liệu(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

tên linh kiện MCSO6
Giải thích chi tiết về linh kiện  From 10 kHz up to 155 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Trang chủ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO6 bảng dữ liệu(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  MCSO6 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO6 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 11/02.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-65 to +125°C
Vibration resistance
10 to 2000Hz / 20g
Shocks no resistance
5000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSING:
Reflow soldering
+260°C / 10s max
Package
Ceramic 3.5 x 2.2 x 1.2mm
Lids
Ceramic
Terminations option T3 on request
with tinned Ag/Cu/Zn
E/D option 1 on request
Reaction time ˂ 1μs
Pin 1 open → Pin 3 Clock
H →
Clock
L →
Low
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
All specifications subject to change without notice.
Frequency «MHz»
4
8
10
12
16
20
24
40
50
60
Other frequencies from 10 kHz up to 155 MHz on request
STANDARD FREQUENCIES:
- No power E/D function (pin 1) before Vdd is setting on
- E/D option not available for F ˂ 500 kHz
- E/D option on request (very low consumption in disable mode).
W
= Vdd 2.5V
V
= Vdd 3.3V
blank
= Vdd 5V
T
= ±50ppm
blank
= ±100ppm
A
= 0 to +70°C
B
= -40 to +85°C
C
= -55 to +125°C
X
= custom
Frequency
option 1 E/D
enable / disable
option 2
blank Au plasted
T3 =tinned
customer
spec N°
MCSO6 V T - C 20MHz
E/D T3 XXX
TABLE 1: Idd
(Without load)
A unique part number will be generated for each product specification
20xxxx-EA00
xxx pcs
(in ESD plastic tray)
200xxx-ML00
xxx pcs
(in tape & reel, any quantity)
Frequency
F= 32 kHz
F=< 10MHz
≤ 20MHz
>20 to
155MHz
W
=Vdd = 2.5V
< 300μA
< 2mA
< 3mA
< 25mA
V
=Vdd = 3.3V
< 1mA
< 4mA
< 5mA
< 30mA
blank =Vdd = 5V
< 2mA
< 6mA
< 7mA
< 40mA



Html Pages

1 2