| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAC1921 bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1921 bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 56 page ![]() Hardware Description 2015 Microchip Technology Inc. DS50002376A-page 23 3.5 JUMPER SETTINGS This evaluation board has pin headers and jumper configurations to evaluate the features of the PAC1921. Jumper locations are indicated in Figure 3-2. FIGURE 3-2: Jumper and External Connection Locations. J11 GND J2 VSOURCE- J1 VSOURCE+ J3 Demo Sys J4 Demo Sys J13 Connections J5 Reserved J6 Reserved J7 Reserved J8 ADDR/SEL Note: Refer to Appendix A. “Schematic and Layouts” to see the connections of each jumper position. |