công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMM90PS13 bảng dữ liệu(PDF) 3 Page - XP Power Limited

tên linh kiện AMM90PS13
Giải thích chi tiết về linh kiện  Worldwide Medical Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM90PS13 bảng dữ liệu(HTML) 3 Page - XP Power Limited

  AMM90PS13 Datasheet HTML 1Page - XP Power Limited AMM90PS13 Datasheet HTML 2Page - XP Power Limited AMM90PS13 Datasheet HTML 3Page - XP Power Limited AMM90PS13 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMM120
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Regulation(2)
Model
Number(3, 4)
96 W
12 V
8.00 A
5%
AMM120PS12
105 W
15 V
7.00 A
5%
AMM120PS15
120 W
18 V
6.67 A
5%
AMM120PS18
120 W
19 V
6.32 A
5%
AMM120PS19
120 W
20 V
6.00 A
5%
AMM120PS20
120 W
24 V
5.00 A
5%
AMM120PS24
120 W
30 V
4.00 A
5%
AMM120PS30
120 W
36 V
3.34 A
5%
AMM120PS36
120 W
48 V
2.50 A
5%
AMM120PS48
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For Class II versions, add ‘ C2’ to model number e.g. AMM120PS24C2.
4. For optional barrel jack connector add suffix ‘ B1’ to model number e.g. AMM120PS24C2B1.
3.00 (76.2)
6.30
(160.0)
Cable length approx 48” (1220mm)
Power On Indicator
1.72
(43.7)
Rubber foot
(4 places.)
AC Input
1
3
4
2
IEC 320-C14 Inlet - For Class I version
IEC 320-C18 Inlet - For Class II version
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum,
except output cable length.
2. Weight 1.72 lbs (780 g).
3. Maximum load per pin on output connector is 5 A.
4. Output connector for AMM120PS12 & PS15 is 4 Pin DC Power Plug,
non-locking type. For mating half, use KYCON KPJ-4S-S or equivalent.
5. Output connector for AMM120PS18-PS48 is 4 Pin DC Power Plug, locking
type. For mating half, use KYCON KPJ-4S-S or equivalent.
6. For Class I versions shell is connected to ground. For Class II versions shell is
capacitively coupled to input.
7. For European mains lead order part: EU-MAINS-IEC
8. For UK mains lead order part: UK-MAINS-IEC
9. For US mains lead order part: US-MAINS-IEC
10. Mains lead length is 76“ (1930 mm) approx
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Notes
1
3
4
2



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com