công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL23EP05SC-1HT bảng dữ liệu(PDF) 5 Page - Silicon Laboratories

tên linh kiện SL23EP05SC-1HT
Giải thích chi tiết về linh kiện  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05SC-1HT bảng dữ liệu(HTML) 5 Page - Silicon Laboratories

  SL23EP05SC-1HT Datasheet HTML 1Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 2Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SL23EP05
Rev. 2.2
5
Table 3. AC Electrical Specifications (VDD = 3.3 V and 2.5 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum Frequency
(Input=Output) 1
FMAX
3.3 V High Drive
10
—
220
MHz
3.3 V Standard Drive
10
—
200
MHz
2.5 V High Drive
10
—
180
MHz
2.5 V Standard Drive
10
—
167
MHz
Input Duty Cycle
INDC
<135 MHz, VDD = 3.3 V
25
—
75
%
<135 MHz, VDD = 2.5 V
40
—
60
%
Output Duty Cycle 2
OUTDC
<135 MHz, VDD = 3.3 V
45
—
55
%
<135 MHz, VDD = 2.5 V
40
—
60
%
Rise, Fall Time (3.3V)
Measured at:
0.8 to 2.0 V 2
tr/f3.3
High drive, CL = 15 pF, >135 MHz
—
—
0.5
ns
Std drive, CL = 15 pF, <170 MHz
—
—
1.5
ns
High drive, CL = 30 pF, <100 MHz
—
—
1.5
ns
Std drive, CL = 30 pF, <100 MHz
—
—
2.5
ns
Rise, Fall Time (2.5) 2
Measured at: 0.6 to 1.8 V
tr/f2.5
High drive, CL = 15 pF, >135 MHz
—
—
1.5
ns
Std drive, CL = 15 pF, <135 MHz
—
—
2.5
ns
High drive, CL = 30 pF, <100 MHz
—
—
2.5
ns
Output-to-Output Skew 2
t1
All outputs CL = 0, 3.3 V supply,
2.5 V power supply, standard drive
—
30
90
ps
All outputs CL = 0, 2.5 V power supply,
high drive
—
40
100
ps
Delay Time, CLKIN Rising
Edge to CLKOUT Rising
Edge 2
t2
PLL enabled @ 3.3 V
–100
—
100
ps
PLL enabled @2.5 V
–200
—
200
ps
Part-to-Part Skew 2
t3
Measured at VDD/2. Any output to any
output, 3.3 V supply
–150
—
150
ps
Measured at VDD/2. Any output to any
output, 2.5 V supply
–300
—
300
ps
Notes:
1. For the given maximum loading conditions. See CL in Operating Conditions Table.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com