công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CDCLVC1310 bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện CDCLVC1310
Giải thích chi tiết về linh kiện  Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button CDCLVC1310_14 Datasheet HTML 11Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 12Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 13Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 14Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 15Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 16Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 17Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 18Page - Texas Instruments CDCLVC1310_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
CDCLVC1310
www.ti.com
SCAS917E – JULY 2011 – REVISED JANUARY 2014
Figure 14. Phase-Noise Profile With 25-MHz Crystal at Nominal Conditions
System-Level Additive-Jitter Measurement
For high-performance devices, limitations of the equipment influence phase-noise measurements. The noise floor
of the equipment often exceeds the noise floor of the device. The real noise floor of the device is probably lower
(see LVCMOS Output Characteristics). Phase noise is influenced by the input source and the measurement
equipment. Additional measurements and information about system-level additive jitter and noise floor are
available in the applications report Phase Noise Performance of CDCLVC1310 (SCAA115).
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com