công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP159RSB bảng dữ liệu(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

tên linh kiện DP159RSB
Giải thích chi tiết về linh kiện  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Trang chủ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB bảng dữ liệu(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DP159RSB Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Hardware Description
www.ti.com
Figure 4. Eye Scan Tab
To run an Eye Scan, select the Eye Scan tab, select the relevant lanes, and press scan. Please note that
Eye Scan cannot be performed when the device is in retimer mode, it does not function in redriver mode.
2.8
Rsadj Potentiometer
The default Rsadj value on the DP159RSBEVM is 6.5 k
Ω. The optimal value for an application may vary
from 4.7 k
Ω to 7 kΩ. To allow customers to test the effects of various Rsadj values, there is a
potentiometer on the EVM at R76. The Rsadj value can be varied by turning the knob and setting J8 to
[2,3].
3
Quick Start Guide
The following steps provide quick start instructions:
1. Connect USB cable from J13 to a USB host, set SW2 to 3. LED D2 should light up.
Option: Apply 5-V power to J9, set SW2 to 1. LED D2 should light up.
2. If using external I
2C adapter instead of pin straps, please configure the DP159 at this step using J5 or
through the USB interface.
3. Plug in a DP source using a standard DP cable into J2 (Standard DP connector).
4. Plug in an HDMI video sink device into P2 (standard HDMI connector) using a standard HDMI cable.
5. Video output on HDMI sink should be observed.
4
References
1. DP159 Data Sheet
2. Aardvark Adapter User Manual
3. High-Definition Multimedia Interface Specification Version 1.4b.
4. High-Definition Multimedia Interface Specification Version 2.0.
8
DP159RSB Evaluation Module
SLLU224A – August 2015 – Revised October 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26