| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM3586-RTR bảng dữ liệu(PDF) 44 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3586-RTR bảng dữ liệu(HTML) 44 Page - Silicon Laboratories |
|
44 / 59 page ![]() EM358x 44 Rev 1.0 30 PB1 I/O Digital I/O SC1MISO O SPI slave data out of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select SPI with SC1_MODE Select slave with SC1_SPICFG Select alternate output function with GPIO_PBCFGL[7:4] SC1MOSI O SPI master data out of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select SPI with SC1_MODE Select master with SC1_SPICFG Select alternate output function with GPIO_PBCFGL[7:4] SC1SDA I/O TWI data of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select TWI with SC1_MODE Select alternate open-drain output function with GPIO_PBCFGL[7:4] SC1TXD O UART transmit data of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select UART with SC1_MODE Select alternate output function with GPIO_PBCFGL[7:4] TIM2C1 (see also Pin 21) O Timer 2 channel 1 output Enable remap with TIM2_OR[4] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[7:4] TIM2C1 (see also Pin 21) I Timer 2 channel 1 input Disable remap with TIM2_OR[4] Table 6.1. EM358x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |