| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM3581-RTR bảng dữ liệu(PDF) 8 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3581-RTR bảng dữ liệu(HTML) 8 Page - Silicon Laboratories |
|
8 / 59 page ![]() EM358x 8 Rev 1.0 PCLK Peripheral clock PER Packet Error Rate PHY Physical Layer PLL Phase-Locked Loop POR Power-On-Reset PRNG Pseudo Random Number Generator PSD Power Spectral Density PTI Packet Trace Interface PWM Pulse Width Modulation QFN Quad Flat Pack RAM Random Access Memory RC Resistive/Capacitive RF Radio Frequency RMS Root Mean Square RoHS Restriction of Hazardous Substances RSSI Receive Signal Strength Indicator RTS Request to Send Rx Receive SYSCLK System clock SDFR Spurious Free Dynamic Range SFD Start Frame Delimiter SINAD Signal-to-noise and distortion ratio SPI Serial Peripheral Interface SWJ Serial Wire and JTAG Interface THD Total Harmonic Distortion TRNG True random number generator TWI Two Wire serial interface Tx Transmit UART Universal Asynchronous Receiver/Transmitter UEV Update event USB Universal Serial Bus VCO Voltage Controlled Oscillator Table 1.1. Acronyms and Abbreviations |