| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM346-RTR bảng dữ liệu(PDF) 109 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM346-RTR bảng dữ liệu(HTML) 109 Page - Silicon Laboratories |
|
109 / 142 page ![]() EM346 110 Rev 1.0 Address: 0xE000E300 Reset: 0x0 Register 9.5. INT_ACTIVE: Top-Level Active Interrupts Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 INT_DEBUG Bit 15 14 13 12 11 10 9 8 Name INT_IRQD INT_IRQC Reserved INT_IRQA Reserved INT_MACRX INT_MACTX INT_MACTMR Bit 7 6 5 4 3 2 1 0 Name INT_SEC Reserved INT_SC1 INT_SLEEPTMR INT_BB INT_MGMT Reserved Reserved Bitname Bitfield Access Description INT_DEBUG [16] R Debug interrupt active. INT_IRQD [15] R IRQD interrupt active. INT_IRQC [14] R IRQC interrupt active. INT_IRQA [12] R IRQA interrupt active. INT_MACRX [10] R MAC receive interrupt active. INT_MACTX [9] R MAC transmit interrupt active. INT_MACTMR [8] R MAC timer interrupt active. INT_SEC [7] R Security interrupt active. INT_SC1 [5] R Serial controller 1 interrupt active. INT_SLEEPTMR [4] R Sleep timer interrupt active. INT_BB [3] R Baseband interrupt active. INT_MGMT [2] R Management interrupt active. |