công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM342-RTR bảng dữ liệu(PDF) 101 Page - Silicon Laboratories

tên linh kiện EM342-RTR
Giải thích chi tiết về linh kiện  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR bảng dữ liệu(HTML) 101 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 97Page - Silicon Laboratories EM342-RTR Datasheet HTML 98Page - Silicon Laboratories EM342-RTR Datasheet HTML 99Page - Silicon Laboratories EM342-RTR Datasheet HTML 100Page - Silicon Laboratories EM342-RTR Datasheet HTML 101Page - Silicon Laboratories EM342-RTR Datasheet HTML 102Page - Silicon Laboratories EM342-RTR Datasheet HTML 103Page - Silicon Laboratories EM342-RTR Datasheet HTML 104Page - Silicon Laboratories EM342-RTR Datasheet HTML 105Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 143 page
background image
EM342
Rev 1.0
101
Table 9.1. NVIC Exception Table
Exception
Position
Description
—
0
Stack top is loaded from first entry of vector table on reset.
Reset
1
Invoked on power up and warm reset. On first instruction, drops to lowest prior-
ity (Thread mode). Asynchronous.
NMI
2
Cannot be stopped or preempted by any exception but reset. Asynchronous.
Hard Fault
3
All classes of fault, when the fault cannot activate because of priority or the
Configurable Fault handler has been disabled. Synchronous.
Memory Fault
4
MPU mismatch, including access violation and no match. Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults. Synchro-
nous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as “undefined instruction executed” or “illegal state transition
attempt”. Synchronous.
—
7–10
Reserved.
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when enabled.
It does not activate if lower priority than the current activation.
—
13
Reserved.
PendSV
14
Pendable request for system service. Asynchronous and only pended by soft-
ware.
SysTick
15
System tick timer has fired. Asynchronous.
—
16
Reserved.
—
17
Reserved.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
—
22
Reserved.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
—
27
Reserved.
IRQA
28
IRQA peripheral interrupt.
—
29
Reserved
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More