| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM341 bảng dữ liệu(PDF) 71 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM341 bảng dữ liệu(HTML) 71 Page - Silicon Laboratories |
|
71 / 237 page ![]() EM341 72 Rev 1.0 INT_SC1CFG: Address: 0x4000A848 Reset: 0x0 INT_SC2CFG: Address: 0x4000A84C Reset: 0x0 Register 8.3. INT_SCxCFG INT_SC1CFG: Serial Controller 1 Interrupt Configuration Register INT_SC2CFG: Serial Controller 2 Interrupt Configuration Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 INT_ SC1PARERR INT_ SC1FRMERR INT_ SCTXULDB INT_ SCTXULDA INT_ SCRXULDB INT_ SCRXULDA INT_ SCNAK Bit 7 6 5 4 3 2 1 0 Name INT_ SCCMDFIN INT_| SCTXFIN INT_ SCRXFIN INT_ SCTXUND INT_ SCRXOVF INT_ SCTXIDLE INT_ SCTXFREE INT_ SCRXVAL Bitname Bitfield Access Description INT_SC1PARERR [14] RW Parity error received (UART) interrupt enable. INT_SC1FRMERR [13] RW Frame error received (UART) interrupt enable. INT_SCTXULDB [12] RW DMA transmit buffer B unloaded interrupt enable. INT_SCTXULDA [11] RW DMA transmit buffer A unloaded interrupt enable. INT_SCRXULDB [10] RW DMA receive buffer B unloaded interrupt enable. INT_SCRXULDA [9] RW DMA receive buffer A unloaded interrupt enable. INT_SCNAK [8] RW NACK received (TWI) interrupt enable. INT_SCCMDFIN [7] RW START/STOP command complete (TWI) interrupt enable. INT_SCTXFIN [6] RW Transmit operation complete (TWI) interrupt enable. INT_SCRXFIN [5] RW Receive operation complete (TWI) interrupt enable. INT_SCTXUND [4] RW Transmit buffer underrun interrupt enable. INT_SCRXOVF [3] RW Receive buffer overrun interrupt enable. INT_SCTXIDLE [2] RW Transmitter idle interrupt enable. INT_SCTXFREE [1] RW Transmit buffer free interrupt enable. INT_SCRXVAL [0] RW Receive buffer has data interrupt enable. |