công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN607 bảng dữ liệu(PDF) 32 Page - Silicon Laboratories

tên linh kiện AN607
Giải thích chi tiết về linh kiện  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 bảng dữ liệu(HTML) 32 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 28Page - Silicon Laboratories AN607 Datasheet HTML 29Page - Silicon Laboratories AN607 Datasheet HTML 30Page - Silicon Laboratories AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
AN607
32
Rev. 1.7
Table 5. Humidity Terms and Definitions
Term
Definition
Units
p
Pure water vapor pressure (no air or other gas)
N/m2 or Pa
p’
Actual vapor pressure (water vapor in air)
N/m2 or Pa
ps
Pure water saturated vapor pressure (no air or other gas)
N/m2 or Pa
ps’
Actual saturated vapor pressure (water vapor in air)
N/m2 or Pa
p
Total atmospheric pressure
N/m2 or Pa
f
Water vapor enhancement factor
dimensionless
dv
Volumetric humidity mass of water vapor/volume of humid gas
kg/m3
Mg
Molal mass (molecular weight) of dry gas (air)
kg/mol
Mv
Molal mass (molecular weight) of water vapor
kg/mol
mmass
kg
n
Amount of substance in moles
mol
R
Universal gas constant in joules per mole of air per K
J/(mol)(K)
R’
Universal gas constant in joules per kilogram of air per K
J/(kg)(K)
S
Percent of saturation
%
% Relative humidity (%RH or %rh)
%
Y
Mixing ratio kg vapor/kg dry gas
kg/kg
Yw
Specific humidity kg vapor/kg humid gas
kg/kg
h
Enthalpy change between phases
hig
Ice
gas
hif
Ice
liquid
hfg
Liquid
gas
s
Entropy change between phases
tdp
Dewpoint temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41