| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CP2103 bảng dữ liệu(PDF) 13 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2103 bảng dữ liệu(HTML) 13 Page - Silicon Laboratories |
|
13 / 36 page ![]() AN169 Rev. 2.3 13 3.16. SI_GetModem Status Description: Gets the Modem Status from the device. This includes the modem pin states. Supported Devices: CP2101/2/3/4/5/8/9 Prototype: SI_STATUS SI_GetModemStatus (HANDLE Handle, PBYTE ModemStatus) Parameters: 1. Handle—Handle to the device as returned by SI_Open. 2. lpbModemStatus—Address of a BYTE variable that contains the current states of the RS-232 modem control lines. The byte is defined as follows: Bit 0: DTR State Bit 1: RTS State Bit 4: CTS State Bit 5: DSR State Bit 6: RI State Bit 7: DCD State Return Value: SI_STATUS = SI_SUCCESS or SI_DEVICE_IO_FAILED or SI_INVALID_HANDLE or SI_INVALID_PARAMETER 3.17. SI_SetBreak Description: Sends a break state (transmit or reset) to a CP210x device. Note that this function is not neces- sarily synchronized with queued transmit data. Supported Devices: CP2101/2/3/4/5/8/9 Prototype: SI_STATUS SI_SetBreak(HANDLE cyHandle, WORD wBreakState) Parameters: 1. Handle—Handle to the device as returned by SI_Open. 2. wBreakState—The break state to set. If this value is a 0x0000 then the break is reset. If this value is a 0x0001 then a break is transmitted. Return Value: SI_STATUS = SI_SUCCESS or SI_DEVICE_IO_FAILED or SI_INVALID_HANDLE or SI_INVALID_PARAMETER |