| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP3595 bảng dữ liệu(PDF) 14 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP3595 bảng dữ liệu(HTML) 14 Page - Diodes Incorporated |
|
14 / 23 page ![]() AP3595 Document number: DS36749 Rev. 1 - 2 14 of 23 www.diodes.com January 2014 © Diodes Incorporated AP3595 A Product Line of Diodes Incorporated Application Information (Cont.) The poles and zero of the transfer functions are: OUT LC C L f ) 2 / 1 ( 2 1 OUT ESR ESR C R f 2 1 The fLC is the double-pole frequency of the two-phase LC filters, and fESR is the frequency of the zero introduced by the ESR of the output capacitors. VPHASE1 VPHASE2 VOUT COUT RESR L1=L L2=L Figure 6. The Output LC Filter Figure 7. .Frequency Response of the LC Filters The PWM modulator is shown in Figure 8. The input is the output of the error amplifier and the output is the PHASE node. The transfer function of the PWM modulator is given by: OSC IN PW M V V Gain + - PWM Comparator OSC ΔV OSC VIN Driver Driver PHASE Output of Error Amplifier Figure 8.The PWM Modulator |