công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AL1697 bảng dữ liệu(PDF) 7 Page - Diodes Incorporated

tên linh kiện AL1697
Giải thích chi tiết về linh kiện  High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 bảng dữ liệu(HTML) 7 Page - Diodes Incorporated

Back Button AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated AL1697 Datasheet HTML 10Page - Diodes Incorporated AL1697 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AL1697
Document number: DS38223 Rev. 3 - 2
7 of 13
www.diodes.com
January 2016
© Diodes Incorporated
AL1697
Functional Description and Application Information (Cont.)
_
5
CS CLAMP
PEAK MAX
V
I
R
…………… (1)
The detection circuit is activated after the LEB time. When the detection circuit sense the CS voltage is higher than 1V, the IC will turn off the
switching to limit the output current. It automatically provides protection for the maximum LED current during operation. A propagation delay exists
between over current detection and actual source-switch off, so the actual peak current is a little higher than the OCP level set by the R5.
Over-Voltage Protection and Output-Open Protection (OVP)
The output voltage is sensed by the FB pin, which provides an over-voltage protection (OVP) function. When the output is open or large transient
happens, the output voltage will exceed the rated value (R8, R9). When the voltage exceeds VFB, the over-voltage is triggered and the IC will
discharge VCC. When the VCC is below the UVLO threshold voltage, IC will restart and the VCC capacitor is charged again by start-up resistance. If
the over voltage condition still exists, the system will work in hiccup mode.
Output-Short Protection (OSP)
When LED is shorted, the device cannot detect the tOFF time, and the device controls the system operation at 4kHz low frequency.
Thermal Foldback Protection (TFP)
AL1697 has a thermal foldback function and adopts self-adaptive control method, which can prevent the system breaking down caused by high
temperature. The overheating temperature is set at +145°C typical, when the junction temperature of the IC is higher than +145°C typical, the
device will linearly decrease the internal reference voltage to decrease the output current. As a result of this feature, the device can control the
system
’s output power at high ambient temperature, to control the quantity of heat of the system. This enhances the safety of the system at high
temperature.
The thermal foldback waveform is shown below:
100%
50%
Junction Temperature/°C
TFOLD=145
Output Current
OTP
Figure 2. Thermal Foldback Waveform
Over-Temperature Protection (OTP)
The AL1697 has OTP protection function. When the junction temperature reach to +160°C typical, the IC will trigger an over-temperature
protection condition which causes the device to shut down and latched. Once OTP has triggered, the system will resume after the system
’s AC
source supply has been reset and power up.
Design Parameters
Setting the Current Sense Resistor R5
The AL1697 adopts boundary conduction mode, the output current is calculated as below,
_
0
11
sin( )
2
OFF
O MEAN
PEAK
ON
OFF
DELAY
t
I
I
d
t
t
t

 

…………… (2)
Where,
IPEAK is the peak current of the inductance
tON is the internal MOSFET on time
tOFF is the freewheel diode D1 conduction time
tDELAY is typical 0.15µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com