| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2M803 bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
2M803 bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 31 page ![]() 325 2M804 DIMENSIONS PUSH-PULL QUICK DISCONNECT REAR MOUNT JAM NUT 2M804-004-07 2M804-003-07 All dimensions in inches (millimeters in blue) REAR MOUNT JAM NUT PANEL CUTOUT SHELL SIZE A FLAT B DIA. IN. ±.002 MM. ± 0.05 IN. ±.005 MM. ± 0.13 5 0.423 10.74 0.448 11.38 6 0.475 12.07 0.510 12.95 7 0.602 15.29 0.635 16.13 8 0.602 15.29 0.635 16.13 9 0.663 16.84 0.698 17.73 10 0.729 18.82 0.760 19.30 12 0.851 21.62 0.885 22.48 14 0.976 24.79 1.010 25.65 SHELL SIZE A DIA. B DIA. C FLAT D THREAD E THREAD F DIA. G DIA. IN. MM. IN. MM. IN. MM. IN. MM. IN. MM. 5 0.775 19.69 0.562 14.27 0.415 10.54 .4375-32 UN-2A .2500-32 UNEF-2A 0.450 11.43 0.235 5.97 6 0.830 21.08 0.625 15.87 0.467 14.40 .5000-32 UN-2A .3125-32 UNEF-2A 0.520 13.21 0.286 7.26 7 0.910 23.11 0.750 19.05 0.594 15.09 .6250-28 UN-2A .4375-28 UNEF-2A 0.580 14.73 0.390 9.91 8 0.955 24.26 0.750 19.05 0.594 15.09 .6250-28 UN-2A .5000-28 UNEF-2A 0.603 15.32 0.442 11.23 9 1.000 25.40 0.812 20.62 0.655 16.64 .6875-28 UN-2A .5625-24 UNEF-2A 0.695 17.65 0.500 12.70 10 1.085 27.48 0.875 22.22 0.721 18.31 .7500-28 UN-2A .6250-24 UNEF-2A 0.735 18.67 0.564 14.33 12 1.180 29.97 1.000 25.40 0.843 21.41 .8750-28 UN-2A .6875-24 UNEF-2A 0.880 22.35 0.650 16.51 14 1.370 34.80 1.125 28.57 0.968 24.59 1.0000-28 UN-2A .9375-20 UNEF-2A 1.010 25.65 0.805 20.45 .125 (3.2) MAX F DIA. .198 (5.0) D THREAD JAM NUT E THREAD PANEL THICKNESS 1.095 (27.8) MAX O-RING SPRING C FLAT B DIA. A DIA. MASTER KEYWAY RED STRIPE .000/.120* (0.00/3.05) G DIA. 1.170 (29.7) MAX O-RING SPRING .000/.120* (0.00/3.05) B DIA. A FLAT FRONT MOUNT JAM NUT 2M804-004-00 2M804-003-00 SHELL SIZE A DIA. B THREAD C THREAD D DIA. E DIA. F FLAT. IN. MM. IN. MM. IN. MM. IN. MM. 5 0.830 21.08 .5000-32 UN-2A .2500-32 UNEF-2A 0.246 6.25 0.625 15.87 0.470 11.94 6 0.885 22.48 .5625-32 UN-2A .3125-32 UNEF-2A 0.286 7.26 0.688 17.47 0.530 13.46 7 0.955 25.27 .6875-28 UN-2A .4375-28 UNEF-2A 0.390 9.91 0.812 20.62 0.663 16.84 8 0.955 25.27 .6875-28 UN-2A .5000-28 UNEF-2A 0.442 11.23 0.812 20.62 0.663 16.84 9 1.075 27.31 .7500-28 UN-2A .5625-24 UNEF-2A 0.500 12.70 0.875 22.22 0.720 18.29 10 1.140 28.95 .8125-28 UN-2A .6250-24 UNEF-2A 0.564 14.33 0.938 23.82 0.780 19.81 12 1.340 34.04 1.0000-28 UN-2A .6875-24 UNEF-2A 0.650 16.51 1.125 28.57 0.970 24.64 14 1.390 35.31 1.0625-20 UN-2A .9375-20 UNEF-2A 0.805 20.45 1.188 30.18 1.020 25.91 FRONT MOUNT JAM NUT PANEL CUTOUT SHELL SIZE A FLAT B DIA. IN. ±.002 MM. ± 0.05 IN. ±.005 MM. ± 0.13 5 0.477 12.12 0.510 12.95 6 0.537 13.64 0.573 14.55 7 0.670 17.02 0.698 17.73 8 0.670 17.02 0.698 17.73 9 0.727 18.47 0.760 19.30 10 0.787 20.19 0.823 20.90 12 0.977 24.82 1.010 25.65 14 1.027 26.09 1.073 27.25 B DIA. A FLAT O-RING 2 PLCS MASTER KEYWAY A DIA. C THREAD .000/.120* (0.00/3.05) B THREAD .500 (12.7) MAX PANEL THICKNESS .472 (12.0) F FLAT E DIA. 1.150 (29.2) MAX RED STRIPE D DIA. 1.170 (29.7) .000/.120* (0.00/3.05) |