| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP103CYFFR bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP103CYFFR bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Oct-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TMP103AYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TA TMP103AYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TA TMP103BYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TB TMP103BYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TB TMP103CYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TC TMP103CYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TC TMP103DYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TD TMP103DYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TD TMP103EYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TE TMP103EYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TE TMP103FYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TF TMP103FYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TF TMP103GYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TG TMP103GYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TG TMP103HYFFR ACTIVE DSBGA YFF 4 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TH TMP103HYFFT ACTIVE DSBGA YFF 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 TH (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |