| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP431 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP431 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 47 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-Oct-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TMP431ADGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DRTI TMP431ADGKT ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DRTI TMP431BDGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DRUI TMP431BDGKT ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DRUI TMP431CDGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DUEC TMP431CDGKT ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DUEC TMP431DDGKR ACTIVE VSSOP DGK 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 DUFC TMP431DDGKT ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 125 DUFC TMP432ADGSR ACTIVE VSSOP DGS 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DSCI TMP432ADGST ACTIVE VSSOP DGS 10 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DSCI TMP432BDGSR ACTIVE VSSOP DGS 10 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DSDI TMP432BDGST ACTIVE VSSOP DGS 10 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DSDI (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |