| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
V23849-R35-C55 bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
V23849-R35-C55 bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG |
|
20 / 34 page ![]() V23849-R3x-C55 Application Notes Preliminary Product Information 20 2004-06-28 In many situations the question on which ground concept to implement in the design cannot be easily decided prior to the receipt of first EMI measurement results. Infineon thus offers both module versions; V23849-Xx5-Xxx for common ground and V23849-Xx6-Xxx for separate ground concept. The return path of RF current must also be considered. Thus a split ground plane between Tx and Rx paths may result in severe EMI problems irrespective of which module ground concept has been applied. The bezel opening for a transceiver should be sized so that all contact springs of the transceiver cage make good electrical contact with the face plate. Please consider that the PCB may behave like a dielectric waveguide. With a dielectric constant of 4, the wavelength of the harmonics inside the PCB will be half of that in free space. Thus even the smallest PCBs may have unexpected resonances. Large systems can have many openings in the front panel for SFP transceivers. In typical applications, not all of these ports will hold transceivers; some may be intentionally left empty. These empty slots may emit significant amounts of radiation. Thus it is recommended that empty ports be plugged with an EMI plug as shown in Figure 6. Infineon offers an EMI/dust plug, P/N V23818-S5-B1. |